PART |
Description |
Maker |
MAX6646 MAX6646MUA MAX6647 MAX6647MUA MAX6649 MAX6 |
145∑C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms 145C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms 145°C Precision SMBus-Compatible Remote/Local Sensors with Overtemperature Alarms 145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX6642ATT90 MAX6642ATT90T MAX6642ATT92 MAX6642ATT |
±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
MAXIM - Dallas Semiconductor
|
SA56004DDP SA56004ADP SA56004BD SA56004FDP SA56004 |
1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms 1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
|
NXP Semiconductors
|
626-75 626-70 626-150 626-200 626-100 626-50 626-6 |
Dual Mode™ 5V Programmable Micropower Voltage Regulators ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm Logic IC Dual Mode™ 5V Programmable Micropower Voltage Regulators 逻辑IC ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm 逻辑IC
|
Glenair, Inc.
|
ECOS2CA271 ECOS1EA332CL ECOS1KA681BA TS-HA ECOS1AA |
CAP .033UF 50V PPS FILM ECH-S CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 12000 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 8200 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 22000 uF, THROUGH HOLE MOUNT Large Can Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 2200 uF, THROUGH HOLE MOUNT Remote 16-Bit I<sup>2</sup>C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 6800 uF, THROUGH HOLE MOUNT Single Slot PC CardBus Controller 144-BGA MICROSTAR 0 to 70 Replaced by PCI1510 : PC Card Controller 144-LQFP 0 to 70 Replaced by PCI1520 : PCI-to-PC Card Controller 209-BGA MICROSTAR Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TVSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-VQFN -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SOIC -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-TSSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP -40 to 85 Remote 16-Bit I2C and SMBus I/O Expander with Interrupt Output 24-SSOP/QSOP -40 to 85 Replaced by PCI1520 : PC Card Controller 256-BGA Ring Tongue Solderless Terminal; Wire Size (AWG):1/0; Stud Size:3/4 Replaced by PCI1520 : PC Card Controller 257-BGA MICROSTAR 005279 0.01UF 16V 0402. Large Can Aluminum Electrolytic Capacitors
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor] http://
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
G784 |
±1°C Remote and Local Temperature Sensor with SMBus Serial Interface
|
Global Mixed-mode Techn...
|
G771 |
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
MAX6660AEE MAX6660 |
Remote-Junction Temperature-Controlled Fan-Speed Regulator with SMBus Interface
|
Maxim Integrated Products
|
|